Part Number Hot Search : 
TA200616 EE07988 MBR16 59AMN BA7725S B250010 SMBJ51 1N5371B
Product Description
Full Text Search
 

To Download B25-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B25-28
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The B25-28 is Designed for VHF Class C Power Amplifier Applications up to 250 MHz.
PACKAGE STYLE .380" 4L STUD
.112x45 A
B
C E
OC
FEATURES:
* PG = 10 dB Typical at 25 W/175 MHz * Load VSWR at Rated Conditions * OmnigoldTM Metallization System
D
E B
H I J
#8-32 UNC-2A F E
G
MAXIMUM RATINGS
IC VCB PDISS TJ TSTG JC
O O
4.0 A 65 V 40 W @ TC = 25 C -55 C to +200 C -55 C to +150 C 4.4 C/W
O O O O
DIM A B C D E F G H I J
MINIMUM
inches / mm
MAXIMUM
inches / mm
.220 / 5.59 .980 / 24.89 .370 / 9.40 .004 / 0.10 .320 / 8.13 .100 / 2.54 .450 / 11.43 .090 / 2.29 .155 / 3.94
.230 / 5.84
.385 / 9.78 .007 / 0.18 .330 / 8.38 .130 / 3.30 .490 / 12.45 .100 / 2.54 .175 / 4.45 .750 / 19.05
ORDER CODE: ASI10803
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICBO hFE Cob PG c
TC = 25 C
O
TEST CONDITIONS
IC = 200 mA IC = 200 mA IE = 10 mA VCB = 30 V VCE = 5.0 V VCB = 28 V VCE = 28 V POUT = 25 W IC = 200 mA f = 1.0 MHz f = 175 MHz
MINIMUM TYPICAL MAXIMUM
65 35 4.0 2.0 10 50 8.5 50 10 60
UNITS
V V V mA --pF dB %
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV.A
1/1


▲Up To Search▲   

 
Price & Availability of B25-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X